Part Number Hot Search : 
1N474 7N60K 62LV256 03203 IDT74 MX315 MA4ST554 EG21SR
Product Description
Full Text Search
 

To Download NIF5002N06 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NIF5002N
Preferred Device
Self-Protected FET with Temperature and Current Limit
42 V, 2.0 A, Single N-Channel, SOT-223
http://onsemi.com
HDPlust devices are an advanced series of power MOSFETs which utilize ON Semiconductors latest MOSFET technology process to achieve the lowest possible on-resistance per silicon area while incorporating smart features. Integrated thermal and current limits work together to provide short circuit protection. The devices feature an integrated Drain-to-Gate Clamp that enables them to withstand high energy in the avalanche mode. The Clamp also provides additional safety margin against unexpected voltage transients. Electrostatic Discharge (ESD) protection is provided by an integrated Gate-to-Source Clamp.
Features
V(BR)DSS (Clamped) 42 V
RDS(ON) TYP 165 mW @ 10 V
ID MAX 2.0 A*
*Max current limit value is dependent on input condition. Drain Overvoltage Protection MPWR
Gate Input
RG
* * * * * * * *
Current Limitation Thermal Shutdown with Automatic Restart Short Circuit Protection IDSS Specified at Elevated Temperature Avalanche Energy Specified Slew Rate Control for Low Noise Switching Overvoltage Clamped Protection Pb-Free Packages are Available
ESD Protection Temperature Limit Current Limit Current Sense
Source 4 1 2 SOT-223 CASE 318E STYLE 3
Applications
* Lighting * Solenoids * Small Motors
MAXIMUM RATINGS (TJ = 25C unless otherwise noted)
Rating Drain-to-Source Voltage Internally Clamped Drain-to-Gate Voltage Internally Clamped (RG = 1.0 MW) Gate-to-Source Voltage Continuous Drain Current Power Dissipation @ TA = 25C (Note 1) @ TA = 25C (Note 2) @ TT = 25C (Note 3) Symbol VDSS VDGR VGS ID PD Value 42 42 "14 1.1 1.7 8.9 -55 to 150 150 Unit V V V
3
MARKING DIAGRAM
1 GATE AYW 5002N G G 2 DRAIN 3 SOURCE 4 DRAIN
Internally Limited W A = Assembly Location Y = Year W = Work Week 5002N = Specific Device Code G = Pb-Free Package (Note: Microdot may be in either location)
Operating Junction and Storage Temperature Single Pulse Drain-to-Source Avalanche Energy (VDD = 32 V, VG = 5.0 V, IPK = 1.0 A, L = 300 mH, RG(ext) = 25 W)
TJ, Tstg EAS
C mJ
ORDERING INFORMATION
See detailed ordering and shipping information in the package dimensions section on page 4 of this data sheet. Preferred devices are recommended choices for future use and best overall value.
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.
(c) Semiconductor Components Industries, LLC, 2006
1
April, 2006 - Rev. 7
Publication Order Number: NIF5002N/D
NIF5002N
THERMAL CHARACTERISTICS
Characteristic Junction-to-Ambient - Steady State (Note 1) Junction-to-Ambient - Steady State (Note 2) Junction-to-Tab - Steady State (Note 3) 1. Surface-mounted onto min pad FR4 PCB, (2 oz. Cu, 0.06 thick). 2. Surface-mounted onto 2 sq. FR4 board (1 sq., 1 oz. Cu, 0.06 thick). 3. Surface-mounted onto min pad FR4 PCB, (2 oz. Cu, 0.06 thick). Symbol RqJA RqJA RqJT Value 114 72 14 Unit C/W
ELECTRICAL CHARACTERISTICS (TJ = 25C unless otherwise noted)
Parameter OFF CHARACTERISTICS Drain-to-Source Breakdown Voltage (Note 4) Zero Gate Voltage Drain Current V(BR)DSS VGS = 0 V, ID = 10 mA TJ = 25C TJ = 150C TJ = 25C TJ = 150C 42 40 46 45 0.25 1.1 50 55 55 4.0 20 100 mA V -mV/C mW mA V Symbol Test Condition Min Typ Max Unit
IDSS
VGS = 0 V, VDS = 32 V
Gate Input Current ON CHARACTERISTICS (Note 4) Gate Threshold Voltage Gate Threshold Temperature Coefficient Static Drain-to-Source On-Resistance
IGSSF VGS(th) VGS(th)/TJ RDS(on)
VDS = 0 V, VGS = 5.0 V VGS = VDS, ID = 150 mA TJ = 25C TJ = 150C TJ = 25C TJ = 150C TJ = 25C TJ = 150C 1.3
1.8 4.0 165 305 195 360 190 350 1.0
2.2 6.0 200 400 230 460 230 460
VGS = 10 V, ID = 1.7 A
VGS = 5.0 V, ID = 1.7 A
VGS = 5.0 V, ID = 0.5 A Source-Drain Forward On Voltage SWITCHING CHARACTERISTICS Turn-on Time Turn-off Time Slew Rate On Slew-Rate Off td(on) td(off) dVDS/dton dVDS/dtoff VSD
VGS = 0 V, IS = 7.0 A VGS = 10 V, VDD = 12 V, ID = 2.5 A, RL = 4.7 W, (10% Vin to 90% ID) RL = 4.7 W, Vin = 0 to 10 V, VDD = 12 V, 70% to 50% RL = 4.7 W, Vin = 0 to 10 V, VDD = 12 V, 50% to 70%
V ms
20 65 1.2 0.5
30 100
V/ms
SELF PROTECTION CHARACTERISTICS (TJ = 25C unless otherwise noted) (Note 5) Current Limit ILIM VDS = 10 V, VGS = 5.0 V TJ = 25C TJ = 150C TJ = 25C TJ = 150C 3.1 2.0 3.8 2.8 150 135 150 135 4.7 3.2 5.7 4.3 175 160 165 150 6.3 4.3 7.6 5.7 200 185 185 170 C A
VDS = 10 V, VGS = 10 V Temperature Limit (Turn-off) Temperature Limit (Circuit Reset) Temperature Limit (Turn-off) Temperature Limit (Circuit Reset) TLIM(off) TLIM(on) TLIM(off) TLIM(on) VGS = 5.0 V VGS = 5.0 V VGS = 10 V VGS = 10 V
ESD ELECTRICAL CHARACTERISTICS (TJ = 25C unless otherwise noted) Electro-Static Discharge Capability ESD Human Body Model (HBM) Machine Model (MM) 4. Pulse Test: Pulse Width 300 ms, Duty Cycle 2%. 5. Fault conditions are viewed as beyond the normal operating range of the part. 4000 400 V
http://onsemi.com
2
NIF5002N
TYPICAL PERFORMANCE CURVES
7 ID, DRAIN CURRENT (AMPS) 6 5 4 3 2 1 0 0 1 2 10 V 9V 8V 7V 6V 5V 4V 3.8 V 3.6 V 3.4 V 3.2 V 3.0 V 2.8 V 2.6 V 3 4 TJ = 25C ID, DRAIN CURRENT (AMPS) 4 VDS 10 V
3
2 100C 1 25C TJ = -55C 1 2 3 1.5 3.5 2.5 VGS, GATE-TO-SOURCE VOLTAGE (VOLTS) 4
0
VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
Figure 1. On-Region Characteristics
RDS(on), DRAIN-TO-SOURCE RESISTANCE (W) RDS(on), DRAIN-TO-SOURCE RESISTANCE (W) 1.0 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 2 5 4 6 7 8 9 VGS, GATE-TO-SOURCE VOLTAGE (VOLTS) 3 10 ID = 1.7 A TJ = 25C 0.3
Figure 2. Transfer Characteristics
TJ = 25C 0.25 VGS = 5 V 0.2 0.15 VGS = 10 V 0.1 0.05 0 2 3 4 5 ID, DRAIN CURRENT (AMPS)
Figure 3. On-Resistance vs. Gate-to-Source Voltage
2.5 RDS(on), DRAIN-TO-SOURCE RESISTANCE (NORMALIZED) ID = 1.7 A VGS = 5 V 2 IDSS, LEAKAGE (nA) 1000 10000
Figure 4. On-Resistance vs. Drain Current and Gate Voltage
VGS = 0 V TJ = 150C
1.5
100 TJ = 100C 10
1
0.5 0 -50 1 10
-25
0
25
50
75
100
125
150
20
30
40
TJ, JUNCTION TEMPERATURE (C)
VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
Figure 5. On-Resistance Variation with Temperature
Figure 6. Drain-to-Source Leakage Current vs. Voltage
http://onsemi.com
3
NIF5002N
TYPICAL PERFORMANCE CURVES
10 IS, SOURCE CURRENT (AMPS) ID, DRAIN CURRENT (AMPS) VGS = 0 V TJ = 25C 1 10 VGS = 20 V SINGLE PULSE TC = 25C
1 ms 10 ms
1.0
0.1
0.1 RDS(on) LIMIT THERMAL LIMIT PACKAGE LIMIT 1.0 10 dc
0.01 0.4
0.5
0.6
0.7
0.8
0.9
1
0.01 0.1
100
VSD, SOURCE-TO-DRAIN VOLTAGE (VOLTS)
VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
Figure 7. Diode Forward Voltage vs. Current
Figure 8. Maximum Rated Forward Biased Safe Operating Area
1.0 r(t), NORMALIZED EFFECTIVE TRANSIENT THERMAL RESISTANCE D = 0.5 0.2 0.1 0.05 0.02 0.01 SINGLE PULSE 1.0E-02 1.0E-01 1.0E+00 t, TIME (s) 1.0E+01 1.0E+02 1.0E+03
0.1
0.01 1.0E-03
Figure 9. Thermal Response
ORDERING INFORMATION
Device NIF5002NT1 NIF5002NT1G NIF5002NT3 NIF5002NT3G Package SOT-223 SOT-223 (Pb-Free) SOT-223 SOT-223 (Pb-Free) Shipping 1000 / Tape & Reel 1000 / Tape & Reel 4000 / Tape & Reel 4000 / Tape & Reel
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D.
http://onsemi.com
4
NIF5002N
PACKAGE DIMENSIONS
SOT-223 (TO-261) CASE 318E-04 ISSUE L
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. DIM A A1 b b1 c D E e e1 L1 HE MIN 1.50 0.02 0.60 2.90 0.24 6.30 3.30 2.20 0.85 1.50 6.70 0 MILLIMETERS NOM MAX 1.63 1.75 0.06 0.10 0.75 0.89 3.06 3.20 0.29 0.35 6.50 6.70 3.50 3.70 2.30 2.40 0.94 1.05 1.75 2.00 7.00 7.30 10 - MIN 0.060 0.001 0.024 0.115 0.009 0.249 0.130 0.087 0.033 0.060 0.264 0 INCHES NOM 0.064 0.002 0.030 0.121 0.012 0.256 0.138 0.091 0.037 0.069 0.276 - MAX 0.068 0.004 0.035 0.126 0.014 0.263 0.145 0.094 0.041 0.078 0.287 10
D b1
4
HE
1
2
3
E
b e1 e q C
q
A 0.08 (0003) A1
L1
STYLE 3: PIN 1. 2. 3. 4.
GATE DRAIN SOURCE DRAIN
SOLDERING FOOTPRINT*
3.8 0.15 2.0 0.079
2.3 0.091
2.3 0.091
6.3 0.248
2.0 0.079 1.5 0.059
mm inches
SCALE 6:1
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
HDPlus is a trademark of Semiconductor Components Industries, LLC (SCILLC).
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 61312, Phoenix, Arizona 85082-1312 USA Phone: 480-829-7710 or 800-344-3860 Toll Free USA/Canada Fax: 480-829-7709 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Japan: ON Semiconductor, Japan Customer Focus Center 2-9-1 Kamimeguro, Meguro-ku, Tokyo, Japan 153-0051 Phone: 81-3-5773-3850 ON Semiconductor Website: http://onsemi.com Order Literature: http://www.onsemi.com/litorder For additional information, please contact your local Sales Representative.
http://onsemi.com
5
NIF5002N/D


▲Up To Search▲   

 
Price & Availability of NIF5002N06

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X